|
MAX692 - Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 微处理器监控电路 IGBT Module; Transistor Polarity:N Channel; Collector Emitter Voltage, Vceo:1.2kV; Collector Emitter Saturation Voltage, Vce(sat):3.2V; Power Dissipation, Pd:1140W; Package/Case:Module; C-E Breakdown Voltage:1200V From old datasheet system POWER SUPPLY SUPERVISOR,CMOS,DIP,16PIN,PLASTIC Microprocessor Supervisory Circuits |
Full text search : Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-CFP -55 to 125 微处理器监控电路 IGBT Module; Transistor Polarity:N Channel; Collector Emitter Voltage, Vceo:1.2kV; Collector Emitter Saturation Voltage, Vce(sat):3.2V; Power Dissipation, Pd:1140W; Package/Case:Module; C-E Breakdown Voltage:1200V From old datasheet system POWER SUPPLY SUPERVISOR,CMOS,DIP,16PIN,PLASTIC Microprocessor Supervisory Circuits |
|
Related Part Number | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||